PART |
Description |
Maker |
TC649EUA TC649VOA TC649EOA |
CAPACITOR, CLASS Y2 15NFCAPACITOR, CLASS Y2 15NF; Capacitance:15nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. PWM Fan Speed Controller with Auto-Shutdown and FanSense?/a> Technology PWM Fan Speed Controller with Auto-Shutdown and FanSense?Technology
|
Microchip Technology Inc.
|
SCH5017 |
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
|
SMSC Corporation
|
EMC2300-AZC EMC2300-AZC-TR EMC2300 |
Fan Control Device with High Frequency PWM and Temperature Monitors
|
SMSC[SMSC Corporation]
|
EMC6D102 EMC6D102-CZC EMC6D102-CZC-TR EMC6D10206 |
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
|
http://
|
EMC6D103S-CZC EMC6D103S-CZC-TR EMC6D103S |
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
|
SMSC[SMSC Corporation]
|
EMC6D103 EMC6D10307 |
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
|
http:// SMSC Corporation
|
EMC6D103-CK EMC6D103-CK-TR EMC6D103-CZC-TR |
FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM BRUSH DC MOTOR CONTROLLER, PDSO24
|
http:// SMSC, Corp.
|
TC913A TC913ACOA TC913ACPA TC913BCOA TC913BCPA TC9 |
The TC913 is a monolithic, auto-zeroed operational amplifier. Elimination of the external capacitors allows the designer to increase reliability, lower cost,and simplify design by lowering parts count. Since the TC913 is an auto-zeroing op Dual Auto-Zeroed Operational Amplifiers
|
MICROCHIP[Microchip Technology]
|
C1206C225K5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|